Part Number Hot Search : 
93100 OF27GJE 493968 PCIB40 43650 RB1212 65PQ015 TC8835AN
Product Description
Full Text Search
 

To Download 3CX3000F1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 cpi | 3CX3000F1/ 8239 cpi|4cW50,000J
3CX3000F1/8239
The 3CX3000F1/8239 is identical to the 3CX3000A1/8238 except for the addition of flexible filament and grid leads on the base which can simplify some installations.
chaRacteRistics
Plate Dissipation (Max.) Screen Dissipation (Max.) Grid Dissipation (Max.) Frequency for Max. rating (CW) Amplification Factor Filament/Cathode Voltage Current Capacitance Input Output Feedthrough Capacitance Input Output Feedthrough Cooling Base Air Socket Air Chimney Boiler Length Diameter Weight 4,000 Watts --50 Watts --- MHz 5 Thoriated Tungsten 7.5 Volts 51.5 Amps ----- pf --- pf --- pf ----- pf --- pf --- pf Forced Air Flexible Leads ------18.44 in; 464.40 mm 4.16 in; 105.70 mm 7.5 lb ; 3.4 kg
typeofservice
MaxiMuMRatings
plate Voltage (Volts) 6,000 plate current (amps) 2.5
ypicalOpeRatiOn t
plate current (amps) 2.2 Drive Output power power (Watts) (kiloWatts) --- 8.25
classof Operation
aB1
plate screen Voltage Voltage (Volts) (Volts) 5,500 ---
griddrivenaFamplifierormodulator
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic information only. Formal, controlled specifications may be obtained from CPI for use in equipment design. Forinformationon this and other CPI products, visit our website at:www.cpii.com, or contact: CPI MPP Division, Eimac Operations, 607 Hansen Way, Palo Alto, CA 94303 telephone: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com


▲Up To Search▲   

 
Price & Availability of 3CX3000F1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X